Part Number Hot Search : 
PEMH1 1221C AD233AN BZX84C20 BU4229G 1SM5936B 1221C M54HC221
Product Description
Full Text Search
 

To Download GBU8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single phase 8.0 amp bridge rectifiers maximum ratings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at tc=50 c dimensions in inches and (millimeters) fe a tures peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum forward voltage drop per bridge element at 4.0a d.c. maximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c storage temperature range, tstg operating temperature range, tj GBU8005 gbu801 gbu802 gbu804 gbu806 gbu808 gbu810 units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 8.0 20 0 10 500 -50 +150 -50 +150 v a a v u a m u a c c * ideal for printed circuit board * low forward voltage * polarity: marked on body * mounting position: any GBU8005 thru gbu810 1.1 voltage range 50 to 1000 volts current 8.0 ampere * low leakage current gbu .752(19.1) .720(18.3) (.874) (.860) 22.2 21.8 .720(18.29) .680(17.27) ac .232(5.9) .224(5.7) .1 7 3 ( 4 . 4 0 ) .1 3 4 (3. 4 0 ) .083(2.1) .075(1.9) .022(.56) .018(.46) .210 .190 .210 .190 .210 .190 (5.33) (4.83) (5.33) (4.83) (5.33) (4.83) + * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request
rating and characteristic curves (GBU8005 thru gbu810) fig.4-typical reverse characteristics fig.1-typical forward current average forward current,(a) fig.2-maximum non-repetitive forward surge current peak forwaard surge current,(a) 2 4 6 8 10 12 20 0 single phase half wave 60hz resistive or inductive load case temperature ( c) derating curve fig.3-typical forward characteristics 0 25 50 75 100 125 150 175 number of cycles at 60hz 1 10 5 50 100 tj=25 c single half sine wave jedec method with heatsink without heatsink 0.1 1.0 10 1000 fig.5-typical reverse characteristics 0 20 40 60 1.0 4.0 10.0 100 1.0 10 100 1000 0 0.2 0.4 0.6 0.8 1.0 1.4 1.6 0.1 1.0 10 100 100 tj=25c tj=50c tj=100c tj=125c instantaneous reverse current,(ua) percent of rated peak reverse voltage,( ) instantaneous foeward voltage ,volts instantaneous foeward current ,(a) tj=25 c ,f=1mhz reverse voltage,volts capacitance,(pf) 80


▲Up To Search▲   

 
Price & Availability of GBU8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X